Part Number Hot Search : 
SA185 P4SMAJ14 SDH10KS AD204K IRLD110 F16267 HV600S30 MC1401A
Product Description
Full Text Search
 

To Download CS50D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CS 10D ... CS 50D Schottky-Bridge Rectifiers Schottky-Bruckengleichrichter
Nominal current - Nennstrom Alternating input voltage Eingangswechselspannung DIL-plastic case DIL-Kunststoffgehause Weight approx. - Gewicht ca. Plastic material has UL classification 94V-0 Gehausematerial UL94V-0 klassifiziert
Dimensions / Mae in mm
1A 10...50 V 8.3 x 6.4 x 3.1 [mm] 0.4 g
Standard packaging: plastic tubes Standard Lieferform: Plastik-Schienen
see page 22 siehe Seite 22
Recognized Product - Underwriters Laboratories Inc.(R) File E175067 Anerkanntes Produkt - Underwriters Laboratories Inc.(R) Nr. E175067
Maximum ratings and Characteristics Type Typ CS 10D CS 20D CS 30D CS 40D CS 50D Alternating input voltage Eingangswechselspannung VVRMS [V] 10 20 30 40 50
Grenz- und Kennwerte Repetitive peak reverse volt. Period. Spitzensperrspannung VRRM [V] 1) 20 40 60 80 100 Forward voltage Durchlaspannung VF [V] 1, 2) < 0.50 < 0.50 < 0.70 < 0.79 < 0.79
Repetitive peak forward current Periodischer Spitzenstrom Peak forward surge current, 50 Hz half sine-wave Stostrom fur eine 50 Hz Sinus-Halbwelle Rating for fusing, t < 10 ms Grenzlastintegral, t < 10 ms Operating junction temperature - Sperrschichttemperatur Storage temperature - Lagerungstemperatur
f > 15 Hz TA = 25/C TA = 25/C
IFRM IFSM i2t Tj TS
10 A 3) 40 A 8 A2s - 50...+150/C - 50...+150/C
1 2
) Valid for one branch - Gultig fur einen Bruckenzweig ) IF = 1 A, Tj = 25/C 3 ) Valid, if the temperature of the terminals is kept to 100/C Gultig, wenn die Temperatur der Anschlusse auf 100/C gehalten wird 11.02.2003
1
CS 10D ... CS 50D Characteristics Max. average forward rectified current Dauergrenzstrom Leakage current Sperrstrom TA = 50/C Tj = 25/C Tj = 100/C R-load C-load VR = VRRM VR = VRRM IFAV IFAV IR IR RthA Kennwerte 1.0 A 1) 0.8 A 1) < 0.5 mA < 5.0 mA < 60 K/W 1)
Thermal resistance junction to ambient air Warmewiderstand Sperrschicht - umgebende Luft
1
) Valid, if mounted on P.C. board with 25 mm2 copper pads at each terminal Dieser Wert gilt bei Montage auf Leiterplatte mit 25 mm2 Kupferbelag (Lotpad) an jedem Anschlu 2 ) Valid for one branch - Gultig fur einen Bruckenzweig 2 F:\Data\WP\DatBlatt\Einzelblatter\cs10d-50d.wpd


▲Up To Search▲   

 
Price & Availability of CS50D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X